Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64PD32 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM64PD32
Description  256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64PD32 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM64PD32 Datasheet HTML 1Page - Motorola, Inc MCM64PD32 Datasheet HTML 2Page - Motorola, Inc MCM64PD32 Datasheet HTML 3Page - Motorola, Inc MCM64PD32 Datasheet HTML 4Page - Motorola, Inc MCM64PD32 Datasheet HTML 5Page - Motorola, Inc MCM64PD32 Datasheet HTML 6Page - Motorola, Inc MCM64PD32 Datasheet HTML 7Page - Motorola, Inc MCM64PD32 Datasheet HTML 8Page - Motorola, Inc MCM64PD32 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MCM64PD32
•MCM64PD64
1
MOTOROLA FAST SRAM
Advance Information
256K/512K Pipelined BurstRAM
Secondary Cache Module
for Pentium
The MCM64PD32 (256K) and MCM64PD64 (512K) are designed to provide
a burstable, high performance, L2 cache for the Pentium microprocessor in
conjunction with Intel’s Triton II chip set. The MCM64PD32 is configured as 32K
x 64 bits and the MCM64PD64 is configured as 64K x 64 bits. Both are packaged
in a 160 pin card edge memory module. Each module uses Motorola’s 3.3 V 32K
x 32 BurstRAMs and two Motorola 3.3 V 32K x 8 FSRAM for the tag RAM.
Bursts can be initiated with either address status processor (ADSP) or cache
address status (CADS). Subsequent burst addresses are generated internal to
the BurstRAM by the cache burst advance (CADV) input pin.
Write cycles are internally self timed and are initiated by the rising edge of the
clock (CLK0) input. Eight write enables are provided for byte write control.
PD0 – PD3 map into the Triton II chip set for auto–configuration of the cache
control.
• Pentium–Style Burst Counter on Chip
• Pipelined Data Out
• 160 Pin Card Edge Module
• Address Pipeline Supported by ADSP Disabled with Ex
• All Cache Data and Tag I/Os are TTL Compatible
• Three State Outputs
• Byte Write Capability
• Fast Module Clock Rate: 66 MHz
• Fast SRAM Access Times:15 ns for Tag RAM
8 ns for Data RAMs
• One–cycle Deselect Data RAMs
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB with Separate Power and Ground
Planes
• Single 3.3 V +10%, – 5% Power Supply
• Burndy Connector, Part Number: CELP2X80SC3Z48
• Intel COAST 3.0 Option III Compliant
• Burst Order Select (BOSEL) Option
BurstRAM is a trademark of Motorola.
Pentium is a trademark of Intel Corp.
This document contains information on a new product. Motorola reserves the right to change or discontinue this product without notice.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MCM64PD32/D
MCM64PD32
MCM64PD64
160–LEAD CARD EDGE
CASE TBD, TOP VIEW
80
43
42
1
6/14/96
© Motorola, Inc. 1996


Similar Part No. - MCM64PD32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32SG66 MOTOROLA-MCM64PC32SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32TSG66 MOTOROLA-MCM64PC32TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC64SG66 MOTOROLA-MCM64PC64SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM64PD32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64AF32 MOTOROLA-MCM64AF32 Datasheet
190Kb / 12P
   256K Asynchronous Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com