Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1070RGWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070RGWT
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070RGWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1070RGWT Datasheet HTML 7Page - Texas Instruments CC1070RGWT Datasheet HTML 8Page - Texas Instruments CC1070RGWT Datasheet HTML 9Page - Texas Instruments CC1070RGWT Datasheet HTML 10Page - Texas Instruments CC1070RGWT Datasheet HTML 11Page - Texas Instruments CC1070RGWT Datasheet HTML 12Page - Texas Instruments CC1070RGWT Datasheet HTML 13Page - Texas Instruments CC1070RGWT Datasheet HTML 14Page - Texas Instruments CC1070RGWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
CC1070
SWRS043A
Page 11 of 54
4.5 Current Consumption
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Power Down mode
0.2
1
µA
Oscillator core off
Current consumption,
433/868 MHz:
P = −20 dBm
P = −5 dBm
P = 0 dBm
P = +5 dBm
P = +8 dBm
P = +10 dBm
12.3/13.9
14.7/16.8
17.5/20.5
21.5/25.3
25.5/33.1
31/NA
mA
mA
mA
mA
mA
mA
The output power is delivered to a
50
Ω single-ended load.
See section 12.3 on page 25 for
more details.
Current consumption, crystal
oscillator
Current consumption, crystal
oscillator and bias
Current consumption, crystal
oscillator, bias and synthesizer
65
500
7.5
µA
µA
mA
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
Table 7. Current consumption


Similar Part No. - CC1070RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070-RTR1 TI-CC1070-RTR1 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070-RTY1 TI-CC1070-RTY1 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070DK-433 TI-CC1070DK-433 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070DK-868 TI-CC1070DK-868 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1070RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com