Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1021 Datasheet(PDF) 20 Page - Texas Instruments

Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1021_12 Datasheet HTML 16Page - Texas Instruments CC1021_12 Datasheet HTML 17Page - Texas Instruments CC1021_12 Datasheet HTML 18Page - Texas Instruments CC1021_12 Datasheet HTML 19Page - Texas Instruments CC1021_12 Datasheet HTML 20Page - Texas Instruments CC1021_12 Datasheet HTML 21Page - Texas Instruments CC1021_12 Datasheet HTML 22Page - Texas Instruments CC1021_12 Datasheet HTML 23Page - Texas Instruments CC1021_12 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
CC1021
SWRS045C
Page 20 of 87
The LC filter in Figure 3 is inserted in the
TX path only. The filter will reduce the
emission of harmonics and the spurious
emissions in the TX path. An alternative is
to insert the LC filter between the antenna
and the T/R switch as shown in Figure 4.
The filter will reduce the emission of
harmonics and the spurious emissions in
the TX path as well as increase the
receiver selectivity. The sensitivity will be
slightly reduced due to the insertion loss of
the LC filter.
1
PCLK
PDI
PDO
DGND
DGND
DCLK
DIO
DVDD
2
3
4
6
5
7
8
CC1020
24
VC
AVDD
AVDD
RF_OUT
RF_IN
AVDD
R_BIAS
AVDD
23
22
21
19
20
18
17
C4
C5
XTAL
LC Filter
Monopole
antenna
(50 Ohm)
L2
C3
AVDD=3V
L1
C1
R1
AVDD=3V
AVDD=3V
DVDD=3V
DVDD=3V
AVDD=3V
C7
R3
C8
C6
R2
AVDD=3V
T/R Switch
C60
R10
1
PCLK
PDI
PDO
DGND
DGND
DCLK
DIO
DVDD
2
3
4
6
5
7
8
CC1020
24
VC
AVDD
AVDD
RF_OUT
RF_IN
AVDD
R_BIAS
AVDD
23
22
21
19
20
18
17
C4
C4
C5
C5
XTAL
XTAL
LC Filter
LC Filter
Monopole
antenna
(50 Ohm)
L2
C3
AVDD=3V
L1
C1
R1
AVDD=3V
AVDD=3V
DVDD=3V
DVDD=3V
AVDD=3V
C7
R3
C8
C6
R2
AVDD=3V
T/R Switch
C60
R10
Figure 4. Alternative application circuit (power supply decoupling not shown)


Similar Part No. - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com