Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1021 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1021_12 Datasheet HTML 30Page - Texas Instruments CC1021_12 Datasheet HTML 31Page - Texas Instruments CC1021_12 Datasheet HTML 32Page - Texas Instruments CC1021_12 Datasheet HTML 33Page - Texas Instruments CC1021_12 Datasheet HTML 34Page - Texas Instruments CC1021_12 Datasheet HTML 35Page - Texas Instruments CC1021_12 Datasheet HTML 36Page - Texas Instruments CC1021_12 Datasheet HTML 37Page - Texas Instruments CC1021_12 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
CC1021
SWRS045C
Page 34 of 87
0
10
20
30
40
50
60
70
80
-125
-115
-105
-95
-85
-75
-65
-55
-45
-35
-25
Input pow er level [dBm]
38.4 kHz
51.2 kHz
102.4 kHz
153.6 kHz
307.2 kHz
Figure 14. Typical RSSI value vs. input power for different channel filter bandwidths, 433
MHz
0
10
20
30
40
50
60
70
80
-125
-115
-105
-95
-85
-75
-65
-55
-45
-35
-25
Input pow er level [dBm]
38.4 kHz
51.2 kHz
102.4 kHz
153.6 kHz
307.2 kHz
Figure 15. Typical RSSI value vs. input power for different channel filter bandwidths, 868
MHz


Similar Part No. - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com