Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G126 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G126
Description  BUS BUFFER/LINE DRIVER; 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G126 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G126 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G126 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G126 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G126 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G126 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-398.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=5.5V
±0.1
±5
μA
Power OFF Leakage Current
IOFF
VIN or VOUT=5.5V, VCC=0V
±0.1
±10
μA
3-State Output OFF-State
Current
IOZ
VIN=VIH or VIL, VOUT=VCC or GND,
VCC =5.5V
±0.1
±10
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0, VCC=5.5V
0.1
10
μA
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=2.3 ~ 5.5V, VIN=VCC -0.6V, IOUT=0
5
500
μA
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From
Input A to Output Y
tPLH / tPHL
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
1.0
3.0
8.0
ns
VCC=2.5±0.2V, RL=500Ω
0.5
2.1
5.5
ns
VCC=2.7V
CL=50pF,
RL=500Ω
0.5
2.3
5.5
ns
VCC=3.3±0.3V
0.5
2.0
4.5
ns
VCC=5±0.5V
0.5
1.7
4.0
ns
3-State Output Enable Time
From Input OE to Output Y
tPZH / tPZL
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
1.0
3.2
9.4
ns
VCC=2.5±0.2V, RL=500Ω
0.5
2.2
6.6
ns
VCC=2.7V
CL=50pF,
RL=500Ω
0.5
2.4
6.6
ns
VCC=3.3±0.3V
0.5
2.1
5.3
ns
VCC=5±0.5V
0.5
1.6
5.0
ns
3-State Output Disable Time
From Input OE to Output Y
tPLZ / tPLH
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
1.0
4.3
9.2
ns
VCC=2.5±0.2V, RL=500Ω
0.5
2.7
5.5
ns
VCC=2.7V
CL=50pF,
RL=500Ω
0.5
3.4
5.5
ns
VCC=3.3±0.3V
0.5
3.0
5.5
ns
VCC=5±0.5V
0.5
2.2
4.2
ns


Similar Part No. - U74LVC1G126

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126 Datasheet
211Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G126-AE5-R UTC-U74LVC1G126-AE5-R Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
U74LVC1G126-AF5-R UTC-U74LVC1G126-AF5-R Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
U74LVC1G126-AL5-R UTC-U74LVC1G126-AL5-R Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
U74LVC1G126G-AE5-R UTC-U74LVC1G126G-AE5-R Datasheet
211Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - U74LVC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com