Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G125 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G125
Description  BUS BUFFER/LINE DRIVER 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G125 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G125 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G125 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G125 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G125 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G125 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G125
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-408.C
BUS BUFFER/LINE DRIVER
3-STATE
DESCRIPTION
The U74LVC1G125 is a single bus buffer/line driver with 3-state
output. When the output enable ( ΟΕ ) is high the output will be
disabled. In contrast, when the ΟΕ is low, true data will pass from A
input to the Y output.
This device has power-down protective circuit to prevent the
device from destruction when it is powered down.
FEATURES
* Operate From 1.65V to 5.5V
* Inputs Accept Voltages to 5.5V
* High Noise Immunity
* Low Power Dissipation
* Direct Interface With TTL Level
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G125L-AE5-R
U74LVC1G125G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G125L-AF5-R
U74LVC1G125G-AF5-R
SOT-25
Tape Reel
U74LVC1G125L-AL5-R
U74LVC1G125G-AL5-R
SOT-353
Tape Reel
MARKING
3L5
3
2
1
4
5
G: Halogen Free
L:Lead Free


Similar Part No. - U74LVC1G125

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G125 UTC-U74LVC1G125 Datasheet
210Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G125G-AE5-R UTC-U74LVC1G125G-AE5-R Datasheet
210Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G125G-AE5-R UTC-U74LVC1G125G-AE5-R Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G125G-AF5-R UTC-U74LVC1G125G-AF5-R Datasheet
210Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - U74LVC1G125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com