Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA31002 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TA31002
Description  TELEPHONE TONE RINGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31002 Datasheet(HTML) 6 Page - Unisonic Technologies

  TA31002 Datasheet HTML 1Page - Unisonic Technologies TA31002 Datasheet HTML 2Page - Unisonic Technologies TA31002 Datasheet HTML 3Page - Unisonic Technologies TA31002 Datasheet HTML 4Page - Unisonic Technologies TA31002 Datasheet HTML 5Page - Unisonic Technologies TA31002 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TA31002
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R108-004.B
APPLICATION CIRCUIT
TIP
RING
1
µF/250V
SP
2
1
3
4
8
7
6
5
2KΩ
C4
15μF/35V
R1
C1
RSL
R2
C2
1300:8Ω
0.22μF
UTC
TA31002
104B42
+
-
+
61Ω
15kΩ
fL=1/1.234R1*C1
fH1=1/1.515R2*C2
fH2=1.24fH1
when:
R1=165K
R2=191K
C1=0.47
µF/16V
C2=0.0068
µF/16V
fL
≅10Hz
fH1
≅500Hz
fH2
≅630Hz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - TA31002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA31002 UTC-TA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
logo
Tiger Electronic Co.,Lt...
TA31002 TGS-TA31002 Datasheet
158Kb / 4P
   TIGER ELECTRONIC CO
logo
Unisonic Technologies
TA31002-D08-T UTC-TA31002-D08-T Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results

Similar Description - TA31002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com