Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5464-P Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LH5464-P
Description  5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH5464-P Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LH5464-P Datasheet HTML 1Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 2Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 3Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 4Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 5Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 6Page - Siemens Semiconductor Group LH5464-P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
LH 5464
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic


Similar Part No. - LH5464-P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH5464-P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com