Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURFP064 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RURFP064
Description  70A, 60V N-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RURFP064 Datasheet(HTML) 2 Page - Unisonic Technologies

  RURFP064 Datasheet HTML 1Page - Unisonic Technologies RURFP064 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
URFP064
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R502-752.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
70
A
Pulsed (Note 2)
IDM
280
Avalanche Current
IAR
70
A
Single Pulsed Avalanche Energy
EAS
1000
mJ
Power Dissipation
PD
190
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. L = 69mH, IAS = 70A, VDD = 25V, RG = 25 Ω
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V
+100 nA
Reverse
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=70A
20
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
7400
pF
Output Capacitance
COSS
3200
pF
Reverse Transfer Capacitance
CRSS
540
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=50V, VGS=10V,
ID=1.3A, ID=100µA,
190
nC
Gate to Source Charge
QGS
55
nC
Gate to Drain Charge
QGD
90
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=70A,
RG=25Ω, VGS=0~10V
21
ns
Rise Time
tR
190
ns
Turn-OFF Delay Time
tD(OFF)
110
ns
Fall-Time
tF
190
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
70
A
Maximum Body-Diode Pulsed Current
ISM
280
A
Drain-Source Diode Forward Voltage
VSD
IS=70A
1.28
V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - RURFP064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RUR-D1610 ETC1-RUR-D1610 Datasheet
75Kb / 2P
   DUAL 16-A, HIGH - SPEED, HIGH EFFICIENCY EPITAXIAL SILICON RECTIFIERS
RUR-D1615 ETC1-RUR-D1615 Datasheet
75Kb / 2P
   DUAL 16-A, HIGH - SPEED, HIGH EFFICIENCY EPITAXIAL SILICON RECTIFIERS
RUR-D1620 ETC1-RUR-D1620 Datasheet
75Kb / 2P
   DUAL 16-A, HIGH - SPEED, HIGH EFFICIENCY EPITAXIAL SILICON RECTIFIERS
RUR-D810 ETC-RUR-D810 Datasheet
64Kb / 2P
   ULTRA HIGH SPEED RECTIFIERS
RUR-D815 ETC-RUR-D815 Datasheet
64Kb / 2P
   ULTRA HIGH SPEED RECTIFIERS
More results

Similar Description - RURFP064

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
URFP064 UTC-URFP064 Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Thinki Semiconductor Co...
FQP70N06 THINKISEMI-FQP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
SFP70N06 THINKISEMI-SFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
CEP70N06 THINKISEMI-CEP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
CS70N06 THINKISEMI-CS70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
BR70N06 THINKISEMI-BR70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
FTK70N06 THINKISEMI-FTK70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
HFP70N06 THINKISEMI-HFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
WFP70N06 THINKISEMI-WFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com