Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA9069A Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA9069A
Description  14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA9069A Datasheet(HTML) 6 Page - Unisonic Technologies

  PA9069A Datasheet HTML 1Page - Unisonic Technologies PA9069A Datasheet HTML 2Page - Unisonic Technologies PA9069A Datasheet HTML 3Page - Unisonic Technologies PA9069A Datasheet HTML 4Page - Unisonic Technologies PA9069A Datasheet HTML 5Page - Unisonic Technologies PA9069A Datasheet HTML 6Page - Unisonic Technologies PA9069A Datasheet HTML 7Page - Unisonic Technologies PA9069A Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PA9069A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-053,Ca
APPLICATION CIRCUITS
Typical Application Circuit
IN (R)
1μF
IN (L)
MUTE
1μF
0.1μF
0.1μF
Q1
BSX33
15KΩ
15KΩ
PLAY
5V
+VCC
OUT (L)
30KΩ
IN- (L)
IN- (R)
OUT (R)
OUT
(L)
4.7Ω
4.7Ω
1μF
10KΩ
100μF
0
MUTE
D1
1000μF
1KΩ
30KΩ
1KΩ
0.1μF
OUT
(R)
470μF
5.1V
470μF
11
5
7
1
6
9
10
2
8
4
3
Single Supply Application


Similar Part No. - PA9069A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A-J11-A-T UTC-PA9069A-J11-A-T Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069AL-J11-A-T UTC-PA9069AL-J11-A-T Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results

Similar Description - PA9069A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
   1414W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com