Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7493-S16-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA7493-S16-T
Description  2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7493-S16-T Datasheet(HTML) 5 Page - Unisonic Technologies

  PA7493-S16-T Datasheet HTML 1Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 2Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 3Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 4Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 5Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 6Page - Unisonic Technologies PA7493-S16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA7493
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-113.C
FUNCTION DESCRIPTION
POWER SUPPLY
The UTC PA7493 operating voltage range is from 3V to 6V. In general, the 5V operating voltage is recommended.
When the supply voltage less than 3V, the IC can work properly but the distortion will rise. The higher stand-by
current consumption will rise the chip surface temperature after the operating voltage over 6.5V.
SHUTDOWN
After powering on the UTC PA7493, connects the SHUTDOWN pin to VCC will force the chip into shutdown mode.
At the shutdown mode, the total current consumption is less than 0.7μA, and all of the input/output pins no voltage
output. The chip is back to the normal operation when the SHUTDOWN pin sets to GND.
SHUTDOWN PIN
OUTPUT STATE
VCC
SHUTDOWN ON
GND
Normal
INPUT GAIN ADJUST
The output gain of the UTC PA7493 can be adjusted by the external resistor. 0dB gain setting is recommended in
normal operation, please refer the application circuit. If the source output level is not so high (ex :< 2VPP), input gain
can be increased to get the proper volume. The minimum value of the input series resistance is 10KΩ for the modest
input impedance.
To make sure the input stage not distorted by overload, please confirm the input signal level. For the gain set
please refer the following table:
Operating Voltage
Input Gani=-6db
Input Gain=0db
Input Gani=+6db
VCC=3V
VIN<5VPP
VIN<2.5VPP
VIN<1.25VPP
VCC=5V
VIN<8VPP
VIN<4VPP
VIN<2VPP
SE/BTL MODE SWITCHING
The UTC PA7493 has two output modes, SE(Single-Ended) or BTL(Bridge-Tied Load). To drive a speaker load,
set to the BTL mode is recommended for getting the more power output. Driving a headphone load, we suggest
setting to SE mode and turn-off the un-work amplifier to decrease the stand-by power consumption. Switching
between the SE and BTL modes is controlled by the SE/BTL pin, please refer the following table:
SE/BTL
MODE
VCC
SE
GND
BTL
CLICK AND POP SURPPRESS
A power amplifier uses single supply voltage may cause noises on the output port during the power-on period. It is
because of the output DC potential level needs time to stable on 1/2Vcc, the period is relative with the capacitor on
the BYPASS pin. The higher capacitor value will extend the stable time and also suppress the noise during the
power-on period. At the supply voltage is 5V and the capacitor is 2.2μF, the stable time is around 300ms. The value
of the BYPASS capacitor also relatives with the DC blocking capacitor connected at the input terminal. In general
condition the time constant of DC blocking capacitor should be less than the CB stable time. Recommend parts
values please refer the application circuit.


Similar Part No. - PA7493-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493-D16-T UTC-PA7493-D16-T Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7493-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com