Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3431 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3431
Description  2W STEREO AUDIO AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431 Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3431 Datasheet HTML 1Page - Unisonic Technologies PA3431 Datasheet HTML 2Page - Unisonic Technologies PA3431 Datasheet HTML 3Page - Unisonic Technologies PA3431 Datasheet HTML 4Page - Unisonic Technologies PA3431 Datasheet HTML 5Page - Unisonic Technologies PA3431 Datasheet HTML 6Page - Unisonic Technologies PA3431 Datasheet HTML 7Page - Unisonic Technologies PA3431 Datasheet HTML 8Page - Unisonic Technologies PA3431 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PA3431
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-185.A
TYPICAL APPLICATION CIRCUIT(Cont.)
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
LOUT-
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN-
VDD
PVDD
ROUT-
GND
NC
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RIGHT
SPEAKER
TO SYSTEM CONTROL
CRIN-
C3
VDD
1µF
CS1
1µF
CS2
10µF
CB
C5 1µF
C2 1µF
CLIN+
C4 1µF
CRIN+
VDD
CLIN-
C1 1µF
LEFT
SPEAKER
UTC PA3431
Typical Application Circuit Using Differential Inputs
RIGHT
NEGATIVE
DIFFERENTIAL
INPUT
SIGNAL
LEFT
NEGATIVE
DIFFERENTIAL
INPUT
SIGNAL
RIGHT
POSITIVE
DIFFERENTIAL
INPUT
SIGNAL
LEFT
POSITIVE
DIFFERENTIAL
INPUT
SIGNAL


Similar Part No. - PA3431

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431G-N20-R UTC-PA3431G-N20-R Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431G-N20-R UTC-PA3431G-N20-R Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA3431

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com