Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22N65 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 22N65
Description  22A, 650V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N65 Datasheet(HTML) 1 Page - Unisonic Technologies

  22N65_11 Datasheet HTML 1Page - Unisonic Technologies 22N65_11 Datasheet HTML 2Page - Unisonic Technologies 22N65_11 Datasheet HTML 3Page - Unisonic Technologies 22N65_11 Datasheet HTML 4Page - Unisonic Technologies 22N65_11 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
22N65
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-466.b
22A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
As the SMPS MOSFET, the UTC 22N65 uses UTC’s advanced
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable for use as a
load switch or in PWM applications.
FEATURES
* RDS(ON) = 0.35Ω
* Ultra low gate charge ( Typical 150 nC )
* Low reverse transfer capacitance ( CRSS = typical 36 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-247
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
22N65L-T47-T
22N65G-T47-T
TO-247
G
D
S
Tube


Similar Part No. - 22N65_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N65 UTC-22N65_15 Datasheet
252Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 22N65_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
22N60 UTC-22N60_11 Datasheet
211Kb / 6P
   22A, 600V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
   Single N-Channel, 30V, 22A, Power MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
   500V,22A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com