Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15N60 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15N60
Description  15A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N60 Datasheet(HTML) 1 Page - Unisonic Technologies

  15N60 Datasheet HTML 1Page - Unisonic Technologies 15N60 Datasheet HTML 2Page - Unisonic Technologies 15N60 Datasheet HTML 3Page - Unisonic Technologies 15N60 Datasheet HTML 4Page - Unisonic Technologies 15N60 Datasheet HTML 5Page - Unisonic Technologies 15N60 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15N60
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-485.e
15A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 15N60 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide costumers with planar stripe
and DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 15N60 is universally applied in active power factor
correction and high efficient switched mode power supplies.
FEATURES
* RDS(ON)=0.65Ω @ VGS=10V
* Typically 23.6pF low CRSS
* High switching speed
* Improved dv/dt capability
SYMBOL
1
TO-247
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
15N60L-TF1-T
15N60G-TF1-T
TO-220F1
G
D
S
Tube
15N60L-T47-T
15N60G-T47-T
TO-247
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 15N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
15N60 ISC-15N60 Datasheet
49Kb / 2P
   High Switching Speed
logo
VBsemi Electronics Co.,...
15N60 VBSEMI-15N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
15N60C3 INFINEON-15N60C3 Datasheet
689Kb / 14P
   Cool MOS??Power Transistor
Rev. 3.2 2009-12-22
15N60C3 INFINEON-15N60C3 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
More results

Similar Description - 15N60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
   Power MOSFETs 600V, 15A, N-channel
logo
MagnaChip Semiconductor...
MDP15N60G MGCHIP-MDP15N60G_11 Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
logo
PFC Device Inc.
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
   15A 600V Single N?륝hannel Power MOSFET
logo
Rohm
R6015FNJ ROHM-R6015FNJ Datasheet
3Mb / 15P
   Nch 600V 15A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
   Nch 600V 15A Power MOSFET
R6015ANX ROHM-R6015ANX_12 Datasheet
1Mb / 14P
   Nch 600V 15A Power MOSFET
R6015ENX ROHM-R6015ENX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015KNX ROHM-R6015KNX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015ENJ ROHM-R6015ENJ Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com