Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555 Datasheet(PDF) 7 Page - Unisonic Technologies

Part No. NE555
Description  SINGLE TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555 Datasheet(HTML) 7 Page - Unisonic Technologies

  NE555 Datasheet HTML 1Page - Unisonic Technologies NE555 Datasheet HTML 2Page - Unisonic Technologies NE555 Datasheet HTML 3Page - Unisonic Technologies NE555 Datasheet HTML 4Page - Unisonic Technologies NE555 Datasheet HTML 5Page - Unisonic Technologies NE555 Datasheet HTML 6Page - Unisonic Technologies NE555 Datasheet HTML 7Page - Unisonic Technologies NE555 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R106-001,F
TYPICAL CHARACTERISTICS
TA=125℃
TA=25℃
TA=-55℃
VCC=10V
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
2
14
7 10
20
40
70 100
Low-Level Output Current,IOL (mA)
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
12
4
7 10
20
40
70 100
TA=125℃
TA=-55℃
TA=25℃
VCC=5V
100
70
40
20
10
7
4
2
1
0.01
0.02
0.04
0.07
0.2
0.1
0.4
0.7
1
2
4
7
10
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
VCC=15V
TA=-55℃
TA=125℃
TA=25℃


Similar Part No. - NE555

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
Texas Instruments
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
Wing Shing Computer Components
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart No.DatasheetDescription
GTM CORPORATION
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
Unisonic Technologies
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
Fairchild Semiconductor
Fairchild Semiconductor
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
SeCoS Halbleitertechnologie GmbH
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
Fairchild Semiconductor
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
Unisonic Technologies
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M51848L MITSUBISHI-M51848L Datasheet
153Kb / 4P
   SINGLE TIMER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz