Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LD242 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. LD242
Description  GaAs Infrared Emitter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

LD242 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
1998-07-15
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Wesentliche Merkmale
q
GaAs-IR-Lumineszenzdiode, hergestellt im
Schmelzepitaxieverfahren
q
Kathode galvanisch mit Gehäuseboden
verbunden
q
Hohe Zuverlässigkeit
q
Großer Öffnungskegel
q
Gehäusegleich mit BP 103, BPX 63,
SFH 464, SFH 483
q
Anwendungsklasse nach DIN 40 040 GQG
Anwendungen
q
IR-Fernsteuerungen und Tonübertragungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
Features
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
Cathode is electrically connected to the case
q
High reliability
q
Wide beam
q
Same package as BP 103, BPX 63,
SFH 464, SFH 483
q
DIN humidity category in acc. with
DIN 40 040 GQG
Applications
q
IR remote control and sound transmission
q
Photointerrupters
LD 242
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
ø5.5
ø5.2
Chip position
3.6
3.0
14.5
12.5
ø0.45
GET06625
Approx. weight 0.5 g
1
2.7
Anode
Cathode (SFH 483)
(LD 242, BPX 63, SFH 464)
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
LD 242-2
Q62703-Q198
Bodenplatte nach 18 A3 DIN 41876 (TO-18), klares
Epoxy-Gießharz, linsenförmig im 2.54-mm-Raster
(1/10’’)
Base plate as per 18 A3 DIN 41876 (TO-18), transpar-
ent epoxy resin lens, solder tabs lead spacing 2.54 mm
(1/10’’)
LD 242-3
Q62703-Q199
LD 242 E7800
Q62703-Q3509


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH4110GaAs Infrared Emitter Mini Sidelooker 1 2 3 4 5 List of Unclassifed Manufacturers
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH409GaAs Infrared Emitter 1 2 3 4 Siemens Semiconductor Group
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn