Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64AF32 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM64AF32
Description  256K Asynchronous Secondary Cache Module for Pentium
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64AF32 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM64AF32 Datasheet HTML 1Page - Motorola, Inc MCM64AF32 Datasheet HTML 2Page - Motorola, Inc MCM64AF32 Datasheet HTML 3Page - Motorola, Inc MCM64AF32 Datasheet HTML 4Page - Motorola, Inc MCM64AF32 Datasheet HTML 5Page - Motorola, Inc MCM64AF32 Datasheet HTML 6Page - Motorola, Inc MCM64AF32 Datasheet HTML 7Page - Motorola, Inc MCM64AF32 Datasheet HTML 8Page - Motorola, Inc MCM64AF32 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN ASSIGNMENT
160–LEAD CARD EDGE MODULE
TOP VIEW
VSS
TIO1
TIO7
TIO5
TIO3
(RSVD) NC
VCC5
(RSVD) NC
(CADV) CAA4
VSS
COE
CWE5
CWE7
CWE1
VCC5
CWE3
CAB3
CALE
VSS
(RSVD) NC
(A4) NC
A6
A8
A10
VCC5
A17
VSS
A9
A14
A15
(RSVD) NC
PD0
PD2
PD4
VSS
(CLK0) NC
VSS
DQ63
VCC5
DQ61
DQ59
DQ57
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
VSS
TIO0
TIO2
TIO6
TIO4
NC (RSVD)
VCC3
TWE
CAA3 (CADS)
VSS
CWE4
CWE6
CWE0
CWE2
VCC3
CAB4 (CCS)
NC (GWE)
NC (BWE)
VSS
NC (A3)
A7
A5
A11
A16
VCC3
NC (A18)
VSS
A12
A13
NC (ADSP)
NC (CS/ECS1)
NC (ECS2)
PD1
PD3
VSS
NC (CLK1)
VSS
DQ62
VCC3
DQ60
DQ58
DQ56
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
VSS
DQ55
DQ53
DQ51
DQ49
VSS
DQ47
DQ45
DQ43
VCC5
DQ41
DQ39
DQ37
VSS
DQ35
DQ33
DQ31
VCC5
DQ29
DQ27
DQ25
VSS
DQ23
DQ21
DQ19
VCC5
DQ17
DQ15
DQ13
VSS
DQ11
DQ9
DQ7
VCC5
DQ5
DQ3
DQ1
VSS
VSS
DQ54
DQ52
DQ50
DQ48
VSS
DQ46
DQ44
DQ42
VCC3
DQ40
DQ38
DQ36
VSS
DQ34
DQ32
DQ30
VCC3
DQ28
DQ26
DQ24
VSS
DQ22
DQ20
DQ18
VCC3
DQ16
DQ14
DQ12
VSS
DQ10
DQ8
DQ6
VCC3
DQ4
DQ2
DQ0
VSS
PIN NAMES
TIO0 – TIO7
Tag RAM I/O
. . . . . . . . . . . . . . . . . . . . .
TWE
Tag Write Enable
. . . . . . . . . . . . . . . . . . . . . . . .
CALE
Address Latch Enable
. . . . . . . . . . . . . . . . . . .
A5 – A17
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
CWE0 – CWE7
Cache Write Enable
. . . . . . . . . . .
CAA3 –CAA4
Cache Address A
. . . . . . . . . . . . . . . .
CAB3 – CAB4
Cache Address B
. . . . . . . . . . . . . . .
COE
Cache Output Enable
. . . . . . . . . . . . . . . . . . . .
DQ0 – DQ63
Data Input/Output
. . . . . . . . . . . . . . . .
PD0 – PD4
Presence Detect
. . . . . . . . . . . . . . . . . .
VCC3
+ 3.3 V Power Supply
. . . . . . . . . . . . . . . . . . .
VCC5
+ 5.0 V Power Supply
. . . . . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . . . . . . . . .
For proper operation of the device, VSS must be
connected to ground.
NOTE: Signals in parentheses indicate pin designations for
burstable members of the Triton chip set module family.
MCM64AF32
2
MOTOROLA FAST SRAM
PRESENCE DETECT TABLE
Cache Size
and
Functionality
Module
PD4
PD3
PD2
PD1
PD0
256KB Async
MCM64AF32
VSS
NC
VSS
VSS
NC
512KB Async
VSS
VSS
NC
VSS
NC
256K Burst
VSS
NC
VSS
NC
VSS
256K Pipe
Burst
MCM72JG32
VSS
NC
VSS
NC
NC
512K Burst
VSS
VSS
NC
NC
VSS
512K Pipe
Burst
MCM72JG64
VSS
VSS
NC
NC
NC
512K 2–Bank
Burst
VSS
VSS
NC
VSS
VSS


Similar Part No. - MCM64AF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32SG66 MOTOROLA-MCM64PC32SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32TSG66 MOTOROLA-MCM64PC32TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC64SG66 MOTOROLA-MCM64PC64SG66 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM64AF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PD32 MOTOROLA-MCM64PD32 Datasheet
184Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com