Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63Z736TQ133R Datasheet(PDF) 19 Page - Motorola, Inc

Part No. MCM63Z736TQ133R
Description  128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z736TQ133R Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MCM63Z736TQ133R Datasheet HTML 12Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 13Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 14Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 15Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 16Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 17Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 18Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 19Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 20Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MCM63Z736
DMCM63Z818
19
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
TQ PACKAGE
100–PIN TQFP
CASE 983A–01
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
–––
1.60
–––
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.45
0.053
0.057
b
0.22
0.38
0.009
0.015
b1
0.22
0.33
0.009
0.013
c
0.09
0.20
0.004
0.008
c1
0.09
0.16
0.004
0.006
D
22.00 BSC
0.866 BSC
E
16.00 BSC
0.630 BSC
E1
14.00 BSC
0.551 BSC
e
0.65 BSC
0.026 BSC
L
0.45
0.75
0.018
0.030
L1
1.00 REF
0.039 REF
L2
0.50 REF
S
0.20
–––
0.008
–––
R1
0.08
–––
0.003
–––
R2
0.08
0.20
0.003
0.008
q
0
7
0
7
q
0
–––
0
–––
q
11
13
11
13
q
11
13
11
13
1
2
3
D1
20.00 BSC
0.787 BSC
0.020 REF
_
_
_
_
_
_
_
_
_
_
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE –H– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DATUMS –A–, –B– AND –D– TO BE DETERMINED AT
DATUM PLANE –H–.
5. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE –C–.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS D1 AND B1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –H–.
7. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL NOT
CAUSE THE b DIMENSION TO EXCEED 0.45 (0.018).
A–B
0.20 (0.008) H
e
D
A–B
0.20 (0.008) C
D
A–B
0.20 (0.008) C
D
0.10 (0.004) C
0.25 (0.010)
S
0.05 (0.002)
S
A–B
M
0.13 (0.005)
D S
C
e/2
D/2
E
E1
D1
D
D1/2
E1/2
E/2
4X
2X 30 TIPS
2X 20 TIPS
–D–
–B–
–A–
–C–
–H–
q1
q3
q2
q
100
81
80
51
50
31
30
1
PLATING
SECTION B–B
c1
c
b
b1
BASE
METAL
A
SEATING
PLANE
VIEW AB
S
VIEW AB
A2
A1
R1
L2
L
L1
R2
GAGE PLANE
–X–
VIEW Y
B
B
X=A, B, OR D


Similar Part No. - MCM63Z736TQ133R

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11 MOTOROLA-MCM63Z737TQ11 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11R MOTOROLA-MCM63Z737TQ11R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15 MOTOROLA-MCM63Z737TQ15 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15R MOTOROLA-MCM63Z737TQ15R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results

Similar Description - MCM63Z736TQ133R

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
Motorola, Inc
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz