Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63Z736TQ133R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM63Z736TQ133R
Description  128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z736TQ133R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM63Z736TQ133R Datasheet HTML 5Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 6Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 7Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 8Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 9Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 10Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 11Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 12Page - Motorola, Inc MCM63Z736TQ133R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MCM63Z736
DMCM63Z818
9
MOTOROLA FAST SRAM
Figure 3. Data I/O State Diagram
HIGH–Z
HIGH–Z
(DATA IN)
DATA OUT
(Q VALID)
W
R
B
W
CURRENT
STATE (n)
NEXT STATE
(n + 2)
TRANSITION
ƒ
INPUT
COMMAND
CODE
KEY:
INTERMEDIATE
INTERMEDIATE
INTERMEDIATE
INTERMEDIATE
INTERMEDIATE
B
R
D
D
W
R
INTERMEDIATE
D
B
NOTES:
1. Input command codes (D, W, R, and B) represent control pin
inputs as indicated in the Truth Table.
2. Hold (i.e., CKE sampled high) is not shown simply because
CKE = 1 blocks clock input and therefore, blocks any state
change.
INTERMEDIATE
STATE (n + 1)
TRANSITION
CK
COMMAND
CODE
STATE
STATE NAME
ƒ
DQ
n
n + 1
n + 2
n + 3
CURRENT
STATE
INTERMEDIATE
STATE
NEXT
STATE
Figure 4. State Definitions for I/O State Diagrams


Similar Part No. - MCM63Z736TQ133R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11 MOTOROLA-MCM63Z737TQ11 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11R MOTOROLA-MCM63Z737TQ11R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15 MOTOROLA-MCM63Z737TQ15 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15R MOTOROLA-MCM63Z737TQ15R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results

Similar Description - MCM63Z736TQ133R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com