Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAE675 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LAE675
Description  Power TOPLED Hyper-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LAE675 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LAE675 Datasheet HTML 1Page - Siemens Semiconductor Group LAE675 Datasheet HTML 2Page - Siemens Semiconductor Group LAE675 Datasheet HTML 3Page - Siemens Semiconductor Group LAE675 Datasheet HTML 4Page - Siemens Semiconductor Group LAE675 Datasheet HTML 5Page - Siemens Semiconductor Group LAE675 Datasheet HTML 6Page - Siemens Semiconductor Group LAE675 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA E675
Semiconductor Group
3
1998-11-05
Kennwerte (
T
A = 25 °C)
Characteristics
1) Durchlaßspannungsgruppen
Forward voltage groups
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
I
F = 50 mA
λ
peak
624
nm
Dominantwellenlänge
Dominant wavelength
I
F = 50 mA
λ
dom
612
617
623
nm
Spektrale Bandbreite bei 50%
I
rel max
Spectral bandwidth at 50%
I
rel max
I
F = 50 mA
λ
–18
nm
Abstrahlwinkel bei 50%
I
v (Vollwinkel)
Viewing angle at 50%
I
v
2
ϕ
120
Grad
deg.
Durchlaßspannung1)
Forward voltage1)
I
F = 50 mA
V
F
2.1
2.55
V
Sperrstrom
Reverse current
V
R = 3 V
I
R
0.01
10
µA
Temperaturkoeffizient von
λ
dom (IF = 50 mA)
Temperature coefficient of
λ
dom (IF = 50 mA)
TCλ
0.05
nm/K
Temperaturkoeffizient von
λ
peak (IF = 50 mA)
Temperature coefficient of
λ
peak (IF = 50 mA)
TCλ
0.14
nm/K
Temperaturkoeffizient von
V
F (IF = 50 mA)
Temperature coefficient of
V
F (IF = 50 mA)
TCV
– 2.1
mV/K
Temperaturkoeffizient von
I
V (IF = 50 mA)
Temperature coefficient of
I
V (IF = 50 mA)
TCI
–– 0.6
%/K
Gruppe
Group
Durchlaßspannung
Forward voltage
Einheit
Unit
min.
max.
1
1.85
2.25
V
2
2.15
2.55
V
V


Similar Part No. - LAE675

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
LAE67B OSRAM-LAE67B Datasheet
175Kb / 14P
   Power TOPLED Enhanced optical Power LED (HOP2000)
LAE67B-T2AA-24-1 OSRAM-LAE67B-T2AA-24-1 Datasheet
440Kb / 19P
   Power TOPLED
LAE67B-T2V1-24-1 OSRAM-LAE67B-T2V1-24-1 Datasheet
440Kb / 19P
   Power TOPLED
LAE67B-U2AA-11 OSRAM-LAE67B-U2AA-11 Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
More results

Similar Description - LAE675

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
LYE676 SIEMENS-LYE676 Datasheet
77Kb / 7P
   Power TOPLED Hyper-Bright LED
logo
List of Unclassifed Man...
LSE675-S1T1-11 ETC-LSE675-S1T1-11 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com