Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 17 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZV831 Datasheet(HTML) 17 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
17
AZV831
Typical Performance Characteristics (Continued)
Figure 36. THD+N vs. Frequency
Figure 37. Input Voltage Noise Density
VIN
VIN
50mV/div
50mV/div
VOUT
VOUT
50mV/div
50mV/div
Time (2
μs/div)
Time (2
μs/div)
Figure 38. Small Signal Pulse Response
Figure 39. Small Signal Pulse Response
100
1k
10k
1E-3
0.01
0.1
Bandwidth<10Hz to 22kHz
V
OUT=100mVRMS, AV=1, RL=10kΩ, CL=100pF
Frequency (Hz)
V
CC=0.8V, VEE=-0.8V
V
CC=0.9V, VEE=-0.9V
V
CC=1.5V, VEE=-1.5V
V
CC=2.5V, VEE=-2.5V
100
1k
10k
10n
100n
V
CC=5.0V, VEE=0V, G=1
Frequency (Hz)
CL=100pF, RL=100kΩ, AV=1
CL=100pF, RL=100kΩ, AV=1
VCC=1.6V
VEE=0V
VCC=1.8V
VEE=0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn