Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZV831 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
15
AZV831
Typical Performance Characteristics (Continued)
Figure 28. Gain and Phase vs. Frequency
Figure 29. Gain and Phase vs. Frequency
and Resistive Load
and Capacitive Load
Figure 30. Gain and Phase vs. Frequency
Figure 31. Gain and Phase vs. Frequency
and Capacitive Load
and Resistive Load
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=1.5V, VEE=-1.5V
Frequency (Hz)
R
L=100kΩ
R
L=10kΩ
R
L=1kΩ
R
L=8Ω
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=1.5V, VEE=-1.5V
R
L=100kΩ
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=1.5V, VEE=-1.5V
R
L=10kΩ
Frequency (Hz)
C
L=100pF
C
L=200pF
C
L=300pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
V
CC=2.5V, VEE=-2.5V
Frequency (Hz)
R
L=100kΩ
R
L=10kΩ
R
L=1kΩ
R
L=8Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn