Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZV831 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
12
AZV831
Typical Performance Characteristics (Continued)
Figure 16. Output Short Circuit Current
Figure 17. Output Short Circuit Current
vs. Supply Voltage
vs. Supply Voltage
Figure 18. Output Voltage Swing vs. Supply Voltage
Figure 19. Output Voltage Swing vs. Supply Voltage
12
3
4
5
0
20
40
60
80
100
120
Supply Voltage (V)
V
EE=0V
V
O short to VCC
12
3
4
5
0
20
40
60
80
100
120
140
160
Supply Voltage (V)
V
EE=0V
V
O short to VEE
0.81.0
1.21.4
1.61.8
2.02.2
2.42.6
1.5
2.0
2.5
3.0
3.5
4.0
R
L=10kΩ
Dual Supply Voltage (V)
Positive Swing
Negative Swing
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
20
21
22
23
24
25
26
27
R
L=1kΩ
Dual Supply Voltage (V)
Positive Swing
Negative Swing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn