Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZV831 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part No. AZV831
Description  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZV831 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
AZV831
1.6V DC Electrical Characteristics
VCC=1.6V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max Unit
Input Offset Voltage
VOS
0.5
2.5
mV
Input Bias Current
IB
1.0
5.0
pA
Input Offset Current
IOS
2.0
pA
Input Common-mode Voltage Range
VCM
-0.2
1.8
V
Common-mode Rejection Ratio
CMRR
VCM=-0.2V to 1.8V
55
75
dB
Large Signal Voltage Gain
GV
RL=10kΩ connect to VCC/2,
VO=0.2V to 1.4V
90
110
dB
Input Offset Voltage Drift
ΔVOS/ΔT
2.0
μV/
°C
VID=0.5V, RL=1kΩ connect
to VCC/2
30
50
Output Voltage Swing from Rail
VOL/VOH
VID=0.5V, RL=10kΩ connect
to VCC/2
3
15
mV
Sink
ISINK
VOUT=VCC
8
10
Output Current
Source
ISOURCE VOUT=0V
5
8.5
mA
Closed-loop Output Impedance
ZOUT
f=10kHz, G=1 (Note 2)
9
Power Supply Rejection Ratio
PSRR
VCC=1.6V to 5.0V, VCM=0.5V
70
80
dB
Supply Current
ICC
VCM<VCC-1V, IOUT=0
70
90
μA
1.6V AC Electrical Characteristics
VCC=1.6V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max
Unit
Gain Bandwidth Product
GBP
RL=100kΩ
1.0
MHz
Slew Rate
SR
G=1, 1V Step,
CL=100pF, RL=10kΩ
0.32
V/μs
Phase Margin
φM
RL=100kΩ
67
Degrees
Total Harmonic Distortion+Noise
THD+N
f=1kHz, G=1, VIN=1Vpp
RL=10kΩ, CL=100pF
-70
dB
Voltage Noise Density
en
f=1kHz
27
Hz
nV/
Note 2: G is Closed-Loop Voltage Gain.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn