Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV358MTR-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZV358MTR-E1
Description  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358MTR-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV358MTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV358MTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
6
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Temperature
Figure 6. Slew Rate vs. Supply Voltage
Figure 7. Output Short Circuit Current vs. Supply Voltage
Typical Performance Characteristics
2.53.0
3.54.0
4.55.05.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
A
V=1
V
IN=1Vp-p
R
L=10KΩ to 1/2VCC
Supply Voltage (V)
Falling Edge
Rising Edge
-40
-20
0
204060
80
100
120
140
160
180
200
220
240
260
280
300
V
CC=2.7V
V
O=VCC/2
No Load
Temperature (
OC)
V
CC=5V
01
2
345
6
0
50
100
150
200
250
300
V
O=VCC/2
No Load
T
A= -40
oC
T
A=25
OC
T
A=85
OC
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
20
30
40
50
60
V
EE=0V
V
O short to VEE
Supply Voltage (V)


Similar Part No. - AZV358MTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV358MTR-E1 DIODES-AZV358MTR-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - AZV358MTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com