Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431L Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431L
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431L Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ431L_10 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431L_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Data Sheet
1
Aug. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
General Description
The AZ431L series ICs are low voltage three-terminal
adjustable regulators with guaranteed thermal stability
over a full operation range. These ICs feature sharp
turn-on characteristics, low temperature coefficient
and low output impedance, which make them ideal
substitutes for Zener diodes in applications such as
switching power supply, charger, motherboard and
other adjustable regulators.
The output voltage can be set to any value between
1.24V and 18V with two external resistors.
The AZ431L precision reference is offered in two volt-
age tolerance: 0.5% and 1.0%.
These ICs are available in 4 packages: TO-92 (bulk or
ammo packing), SOT-23, SOT-23-5 and SOT-89.
Features
·
Wide Programmable Precise Output Voltage from
1.24V to 18V
·
High Stability under Capacitive Load
·
Low Temperature Deviation: 3mV Typical
·
Low Equivalent Full-range Temperature Coeffi-
cient: 20PPM/oC Typical
·
Low Dynamic Output Resistance: 0.05
Ω Typical
·
High Sink Current Capacity from 0.1mA to
100mA
·
Low Output Noise
·
Wide Operating Range of -40 to 125oC
Applications
·
Graphic Card
·
PC Motherboard
·
Voltage Adapter
·
Switching Power Supply
·
Charger
Figure 1. Package Types of AZ431L
SOT-23
TO-92(Bulk Packing)
SOT-89
SOT-23-5
TO-92(Ammo Packing)


Similar Part No. - AZ431L_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AZ431L DIODES-AZ431L_18 Datasheet
617Kb / 20P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ431L_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com