Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM63Z736TQ133 Datasheet(PDF) 12 Page - Motorola, Inc

Part No. MCM63Z736TQ133
Description  128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z736TQ133 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MCM63Z736TQ133 Datasheet HTML 8Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 9Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 10Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 11Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 12Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 13Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 14Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 15Page - Motorola, Inc MCM63Z736TQ133 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCM63Z736
DMCM63Z818
12
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 5%, TA = 0 to 70°C Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20% to 80%)
. . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 6 Unless Otherwise Noted
. . . . . . . . . . . . . .
R
θJA Under Test
TBD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1 and 2)
P
Sb l
MCM63Z736–133
MCM63Z818–133
133 MHz
MCM63Z736–100
MCM63Z818–100
100 MHz
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
7.5
10
ns
Clock High Pulse Width
tKHKL
3
4
ns
3
Clock Low Pulse Width
tKLKH
3
4
ns
3
Clock Access Time
tKHQV
4.2
5
ns
Output Enable to Output Valid
tGLQV
4.2
5
ns
Clock High to Output Active
tKHQX1
1.5
1.5
ns
4, 5
Output Hold Time
tKHQX
1.5
1.5
ns
4
Output Enable to Output Active
tGLQX
0
0
ns
4, 5
Output Disable to Q High–Z
tGHQZ
3.5
3.5
ns
4, 5
Clock High to Q High–Z
tKHQZ
1.5
3.5
1.5
3.5
ns
4, 5
Setup Times:
Address
ADV
Data In
Write
Chip Enable
Clock Enable
tADKH
tLVKH
tDVKH
tWVKH
tEVKH
tCVKH
2
2
1.7
2
2
2
2.2
2.2
2
2.2
2.2
2.2
ns
Hold Times:
Address
ADV
Data In
Write
Chip Enable
Clock Enable
tKHAX
tKHLX
tKHDX
tKHWX
tKHEX
tKHCX
0.5
0.5
ns
NOTES:
1. Write is defined as any SBx and SW low. Chip Enable is defined as SE1 low, SE2 high, and SB3 low whenever ADV is low.
2. All read and write cycle timings are referenced from CK or G.
3. In order to reduce test correlation issues and to reduce the effects of application specific input edge rate variations on correlation between
data sheet parameters and actual system performance, FSRAM AC parametric specifications are always specified at VDDQ/2. In some de-
sign exercises, it is desirable to evaluate timing using other reference levels. Since the maximum test input edge rate is known and is given
in the AC test conditions section of the data sheet as 1 V/ns, one can easily interpolate timing values to other reference levels.
4. This parameter is sampled and not 100% tested.
5. Measured at
± 200 mV from steady state.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
1.5 V
Figure 6. AC Test Load


Similar Part No. - MCM63Z736TQ133

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11 MOTOROLA-MCM63Z737TQ11 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ11R MOTOROLA-MCM63Z737TQ11R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15 MOTOROLA-MCM63Z737TQ15 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z737TQ15R MOTOROLA-MCM63Z737TQ15R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results

Similar Description - MCM63Z736TQ133

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
Motorola, Inc
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz