Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3720 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3720
Description  CURRENT MODE PWM CONTROLLER FOR BJT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3720 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3720 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Datasheet
CURRENT MODE PWM CONTROLLER FOR BJT
AP3720
Jul. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
52
53
54
55
56
57
58
59
60
61
62
63
64
65
Temperature (
oC)
The Highest f
SW
The Lowest f
SW
The Average f
SW
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Temperature (
oC)
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
R
BIAS (K)
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
Temperature (
oC)
The Highest f
SW
The Lowest f
SW
The Average f
SW
Typical Performance Characteristics
Figure 4. Drive Current vs. RBIAS
Figure 5. Start-up Current vs. Temperature
Figure 6. Switch Frequency (65k) vs. Temperature
Figure 7. Switch Frequency (20k) vs. Temperature


Similar Part No. - AP3720

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
   CURRENT MODE PWM CONTROLLER FOR BJT
More results

Similar Description - AP3720

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
   CURRENT MODE PWM CONTROLLER FOR BJT
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com