Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N65L-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 9N65L-TA3-T
Description  9A, 650V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N65L-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  9N65L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 9N65L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 9N65L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 9N65L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 9N65L-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9N65
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-618.d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 9N65L-TA3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9N65L-TA3-T VBSEMI-9N65L-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 9N65L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
   Nch 650V 9A Power MOSFET
R6509END3 ROHM-R6509END3 Datasheet
2Mb / 14P
   Nch 650V 9A Power MOSFET
logo
Unisonic Technologies
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Unisonic Technologies
9N40 UTC-9N40 Datasheet
158Kb / 4P
   9A, 400V N-CHANNEL POWER MOSFET
9N70 UTC-9N70 Datasheet
147Kb / 3P
   9A, 700V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
9N80_1112 UTC-9N80_1112 Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com