Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9281RTR-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AH9281RTR-G1
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9281RTR-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9281RTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281/82
Nov. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
11
Typical Application (Continued)
Figure 17. Typical Application of AH9281/82 (24V Brushless DC Fan, TO-95, Note 4)
Figure 18. Typical Application of AH9281/82 (24V Brushless DC Fan, SOT-89-5, Note 4)
Note 4:
1. The recommended value of R1 and RPU is 680Ω and 10kΩ typical respectively.
2. It is better to use typical 2.2
µF electrolytic capacitors as C1, C2 and C3.
3. D1 is an ordinary diode which can block the reverse current from coil side.


Similar Part No. - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results

Similar Description - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com