Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1186 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1186
Description  600mA CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186 Datasheet(HTML) 4 Page - Unisonic Technologies

  L1186 Datasheet HTML 1Page - Unisonic Technologies L1186 Datasheet HTML 2Page - Unisonic Technologies L1186 Datasheet HTML 3Page - Unisonic Technologies L1186 Datasheet HTML 4Page - Unisonic Technologies L1186 Datasheet HTML 5Page - Unisonic Technologies L1186 Datasheet HTML 6Page - Unisonic Technologies L1186 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L1186
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-319.F
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8
V
Output Voltage
VOUT
GND-0.3 ~ VIN+0.3
V
Output Current
IOUT
OUT
IN
D
V
-
V
P
A
Power Dissipation
SOT-25
PD
400
mW
SOP-8
600
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-25
θJA
260
°C/W
SOP-8
200
Junction to Case (Note)
SOT-25
θJC
81
°C/W
SOP-8
65
Note: θJC on center of molding compound if IC has on tab
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified.)
Fixed Voltage
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
VIN
Note1
7
V
Output Voltage Accuracy
VOUT
IOUT=1mA
-1.5
1.5
%
Line Regulation
OUT
OUT
V
V
Δ
IOUT=1mA
VIN=VOUT+1~VOUT+2
1.4V<VOUT≤2.0V
-0.15
0.15
%
2.0V<VOUT<4.0V
-0.1
0.02
0.1
%
Load Regulation
OUT
OUT
V
V
Δ
IOUT=1mA~600 mA
0.2
1
%
Output Current
IOUT
VOUT>1.2V
600
mA
Current Limit
ILIMIT
VOUT>1.2V
600
800
mA
Short Circuit Current
ISC
VOUT<0.8V
300
600
mA
Quiescent Current
IQ
IOUT=0mA
30
50
μA
Ground Pin Current
IGND
IOUT=1mA~600mA
35
μA
Dropout Voltage
VD
IOUT =600mA
VOUT=VO(NOM)-2.0%
1.4V<VO(NOM)≤2.0V
1400
mV
2.0V<VO(NOM)≤2.8V
800
mV
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
30
°C
Temperature Coefficient of
Output Voltage
TCVO
30
ppm/°C
Power Supply Rejection
PSRR
IOUT =100mA
COUT=2.2μF ceramic
CBYP=0.01μF
f=1kHz
75
dB
f=10kHz
55
dB
f=100kHz
30
dB
Output Voltage Noise
eN
f=10Hz~100kHz, IOUT =10mA
COUT=2.2μF , CBYP=0.1μF
30
μVrms
EN Input Threshold
VEH
VIN=2.7V~7V
2.0
VIN
V
VEL
VIN=2.7V~7V
0
0.4
V
EN Input Bias Current
IEH
VEN=VIN, VIN=2.7V~7V
0.1
μA
IEL
VEN=0V, VIN=2.7V~7V
0.5
μA
Shutdown Supply Current
ISD
VIN=5V, VOUT =0V, VEN<VEL
0.5
1
μA
PG Leakage Current
ILC
VPG=7V
1
μA


Similar Part No. - L1186

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1186 UTC-L1186 Datasheet
166Kb / 7P
   600mA CMOS LDO
L1186 UTC-L1186 Datasheet
197Kb / 7P
   600mA CMOS LDO
L1186 UTC-L1186 Datasheet
217Kb / 7P
   600mA CMOS LDO
L1186 UTC-L1186 Datasheet
239Kb / 7P
   600mA CMOS LDO
L1186G-XX-AF5-R UTC-L1186G-XX-AF5-R Datasheet
197Kb / 7P
   600mA CMOS LDO
More results

Similar Description - L1186

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com