Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1119 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L1119
Description  1.5A LOW DROPOUT REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119 Datasheet(HTML) 3 Page - Unisonic Technologies

  L1119 Datasheet HTML 1Page - Unisonic Technologies L1119 Datasheet HTML 2Page - Unisonic Technologies L1119 Datasheet HTML 3Page - Unisonic Technologies L1119 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L1119
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-051,Da
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
-0.3 ~ +7.5
V
Output Voltage
VOUT
-0.3 ~ +7.5
V
Output Current
IOUT
Short Circuit Protected
Power Dissipation
PD
Internally Limited
°C
Operating Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
2.5 ~ 7.0
V
Maximum Operating Current (DC)
IOPR(MAX)
1.5
A
Operating Junction Temperature
TJ
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TJ=25°C, VIN =VOUT+1V, IL=10mA, COUT=33μF, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dropout Voltage (Note)
VD
IL = 150mA
38
45
mV
IL = 1.5A
870
Peak Output Current
IPEAK
2.0
2.5
A
Ground Pin Current
IGND
IL = 150 mA
4
9
mA
IL = 1.5 A
5
14
Output Voltage Tolerance
VOUT
10 mA ≤ IL ≤ 1.5A, VOUT +1 ≤ VIN≤ 7.0V
-1.5
0
+1.5
%
Line Regulation
ΔVOUT VOUT+1V<VIN<7.0V
0.1
%
Load Regulation
ΔVOUT 10mA < IL < 1.5 A
1.5
%
SHORT CIRCUIT PROTECTION
Short Circuit Current
ISC
4.5
A
AC PARAMETERS
Output Noise Density
ρN(l/f)
f = 120Hz
0.8
μV
Output Noise Voltage
eN
BW = 10Hz – 100kHz
150
μV(rms)
BW = 300Hz – 300kHz
100
Ripple Rejection
RR
VIN = VOUT + 1.5V, COUT =100uF,
VOUT = 3.3V
60
dB
VIN = VOUT + 0.3V, COUT =100uF,
VOUT = 3.3V
40
OVER TEMPERATURE PROTECTION
Shutdown Threshold
TSHDN
165
°C
Thermal Shutdown Hysteresis
THYS
10
°C
Note: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2%
below the nominal value. Dropout voltage specification applies only to output voltages of 2.5V and above. For
output voltages below 2.5V, the drop-out voltage is nothing but the input to output differential, since the
minimum input voltage is 2.5V.


Similar Part No. - L1119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-G-R UTC-L1119-12-AA3-G-R Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-G-T UTC-L1119-12-AA3-G-T Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-I-R UTC-L1119-12-AA3-I-R Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results

Similar Description - L1119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com