Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW35630C1A-150mA Datasheet(PDF) 7 Page - OptoSupply International

Part # OSW35630C1A-150mA
Description  5.6 x 3.0 x 0.9mm SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW35630C1A-150mA Datasheet(HTML) 7 Page - OptoSupply International

  OSW35630C1A-150mA Datasheet HTML 1Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 2Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 3Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 4Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 5Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 6Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 7Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 8Page - OptoSupply International OSW35630C1A-150mA Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
http://www.optosupply.com
VER A.0
5
5..6
6 x
x 3
3..0
0 x
x 0
0..9
9m
mm
m S
SM
MD
D
OSXX5630C1A-150mA
V
Ve
er
r..A
A..1
1
Recommended Reflow Soldering Profile
Surface mounting condition
In automatic mounting of the SMD LEDs on printed circuit boards, any bending, expanding and pulling forces
or shock against the SMD LEDs should be kept min. to prevent them from electrical failures and mechanical
damages of the devices.
Soldering reflow
-Soldering of the SMD LEDs should conform to the soldering condition in the individual specifications.
-SMD LEDs are designed for reflow soldering.
-In the reflow soldering, too high temperature and too large temperature gradient such as rapid
heating/cooling may cause electrical & optical failures and damages of the devices.
-Wellypower can’t guarantee the LEDs after they have been assembled using the solder dipping method.
LED & Application Technologies


Similar Part No. - OSW35630C1A-150mA

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW35630C1A-60mA OPTOSUPPLY-OSW35630C1A-60mA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
More results

Similar Description - OSW35630C1A-150mA

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSM55630C1A-150MA OPTOSUPPLY-OSM55630C1A-150MA_13 Datasheet
311Kb / 9P
   5.6 x 3.0 x 0.8mm SMD
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
   3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
Transko Electronics, In...
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
   Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
   TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com