Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXX5630C1A-150MA Datasheet(PDF) 9 Page - OptoSupply International

Part # OSXX5630C1A-150MA
Description  5.6 x 3.0 x 0.9mm SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX5630C1A-150MA Datasheet(HTML) 9 Page - OptoSupply International

  OSXX5630C1A-150MA Datasheet HTML 1Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 2Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 3Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 4Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 5Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 6Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 7Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 8Page - OptoSupply International OSXX5630C1A-150MA Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
http://www.optosupply.com
VER A.0
5
5..6
6 x
x 3
3..0
0 x
x 0
0..9
9m
mm
m S
SM
MD
D
OSXX5630C1A-150mA
V
Ve
er
r..A
A..1
1
Package Model
Loaded Quantity 4000 pcs. Per Reel
Reel Part
LED & Application Technologies
Optosupply
Label


Similar Part No. - OSXX5630C1A-150MA

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
More results

Similar Description - OSXX5630C1A-150MA

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSM55630C1A-150MA OPTOSUPPLY-OSM55630C1A-150MA_13 Datasheet
311Kb / 9P
   5.6 x 3.0 x 0.8mm SMD
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
   3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
Transko Electronics, In...
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
   Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
   TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com