Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSBL0603C1A Datasheet(PDF) 4 Page - OptoSupply International

Part # OSBL0603C1A
Description  1.6 x 0.8 x 0.4mm SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSBL0603C1A Datasheet(HTML) 4 Page - OptoSupply International

  OSBL0603C1A Datasheet HTML 1Page - OptoSupply International OSBL0603C1A Datasheet HTML 2Page - OptoSupply International OSBL0603C1A Datasheet HTML 3Page - OptoSupply International OSBL0603C1A Datasheet HTML 4Page - OptoSupply International OSBL0603C1A Datasheet HTML 5Page - OptoSupply International OSBL0603C1A Datasheet HTML 6Page - OptoSupply International OSBL0603C1A Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.optosupply.com
VER A.0
11..66 xx 00..88 xx 00..44m
mm
m S
SM
MD
D
OSXX0603C1A
3) Manual Soldering conditions.
- Lead Solder
Max. 300 for Max. 3sec, and only one time. ℃
- Lead-free Solder
Max. 350 for Max. 3sec, and only one time. ℃
- There is possibility that the brightness of LEDs is decreased, which is influenced by heat or ambient
atmosphere during reflow. It is recommended to use the nitrogen reflow method.
- After LEDs have been soldered, repair should not be done. As repair is unavoidable, a double-head
soldering iron should be used. It should be confirmed beforehand whether the characteristics of the
LEDs will be damaged by repairing or not.
- Reflow soldering should not be done more than two times.
LED & Application Technologies


Similar Part No. - OSBL0603C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBL0603C1A OPTOSUPPLY-OSBL0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
More results

Similar Description - OSBL0603C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
   1.6 x 0.8 x 0.4mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
logo
P-tec Corporation
PL00133-WCG10 P-TEC-PL00133-WCG10 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
PL00133-YDW03 P-TEC-PL00133-YDW03 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
PL00133-WCA03 P-TEC-PL00133-WCA03 Datasheet
31Kb / 1P
   Dome lens thin package 1.6 x 0.8 x 0.4mm
PL00133-WCG25 P-TEC-PL00133-WCG25 Datasheet
31Kb / 1P
   Flat Lens Thin Package 1.6 x 0.8 x 0.4mm
PL00133-WCR31 P-TEC-PL00133-WCR31 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
logo
OptoSupply Internationa...
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
   1.6 x 0.8 x 0.45mm SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com