Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSWT0603C1A Datasheet(PDF) 2 Page - OptoSupply International

Part # OSWT0603C1A
Description  1.6 x 0.8 x 0.4mm SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWT0603C1A Datasheet(HTML) 2 Page - OptoSupply International

  OSWT0603C1A Datasheet HTML 1Page - OptoSupply International OSWT0603C1A Datasheet HTML 2Page - OptoSupply International OSWT0603C1A Datasheet HTML 3Page - OptoSupply International OSWT0603C1A Datasheet HTML 4Page - OptoSupply International OSWT0603C1A Datasheet HTML 5Page - OptoSupply International OSWT0603C1A Datasheet HTML 6Page - OptoSupply International OSWT0603C1A Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.optosupply.com
VER A.0
11..66 xx 00..88 xx 00..44m
mm
m S
SM
MD
D
OSXX0603C1A
■ Optical and electrical characteristics
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
LED & Application Technologies
F o r w a r d V o l t a g e V f ( V )
30
0.5
0
10
20
40
50
60
3.5
3.0
2.5
2.0
1.0
4.0
I F - V F
1.5
OR/H R
BL
YL
WT
YG
TG
0
Forward current IF(mA)
Relative luminous intensity - If
20
0
10
50
30
60
40
1
2
3
4
5
6
7
BL
WT
YG
YL
OR/HR TG
If_Ta
100
50
40
30
20
10
80
60
20
-20
40
-30
Ambient Temperature Ta (°C)
0
0
W a v e l e n g t h C h a r a c t e r i s t i c s
40
450
400
20
0
80
60
100
Ta=25°C
600
550
500
650
700
W a v e l e n g t h ( n m )
BL
HR
YG YL OR
TG
WT


Similar Part No. - OSWT0603C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
More results

Similar Description - OSWT0603C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
   1.6 x 0.8 x 0.4mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
   1.6 x 0.8 x 0.4mm white SMD
logo
P-tec Corporation
PL00133-WCG10 P-TEC-PL00133-WCG10 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
PL00133-YDW03 P-TEC-PL00133-YDW03 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
PL00133-WCA03 P-TEC-PL00133-WCA03 Datasheet
31Kb / 1P
   Dome lens thin package 1.6 x 0.8 x 0.4mm
PL00133-WCG25 P-TEC-PL00133-WCG25 Datasheet
31Kb / 1P
   Flat Lens Thin Package 1.6 x 0.8 x 0.4mm
PL00133-WCR31 P-TEC-PL00133-WCR31 Datasheet
31Kb / 1P
   Flat lens thin package 1.6 x 0.8 x 0.4mm
logo
OptoSupply Internationa...
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
   1.6 x 0.8 x 0.45mm SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com