Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N90 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N90
Description  6.2A, 900V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N90 Datasheet(HTML) 3 Page - Unisonic Technologies

  6N90_12 Datasheet HTML 1Page - Unisonic Technologies 6N90_12 Datasheet HTML 2Page - Unisonic Technologies 6N90_12 Datasheet HTML 3Page - Unisonic Technologies 6N90_12 Datasheet HTML 4Page - Unisonic Technologies 6N90_12 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-492.C
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
900
V
Breakdown Voltage Temperature Coefficient
BV
DSS/T
J Reference to 25°C, ID=250µA
1.07
V/°C
Drain-Source Leakage Current
IDSS
VDS=900V, VGS=0V
10
µA
VDS=720V, TC=125°C
100
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.1A
1.85 2.3
Forward Transconductance
gFS
VDS=50V, ID=3.1A (Note 1)
5.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1360 1770 pF
Output Capacitance
COSS
110 145
pF
Reverse Transfer Capacitance
CRSS
11
15
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=720V, ID=6.2A
(Note 1, 2)
30
40
nC
Gate to Source Charge
QGS
9.0
nC
Gate to Drain Charge
QGD
12
nC
Turn-ON Delay Time
tD(ON)
VDD=450V, ID=6.2A, RG=25Ω
(Note 1, 2)
35
80
ns
Rise Time
tR
90
190
ns
Turn-OFF Delay Time
tD(OFF)
55
120
ns
Fall-Time
tF
60
130
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6.0
A
Maximum Body-Diode Pulsed Current
ISM
24
A
Drain-Source Diode Forward Voltage
VSD
IS=6.2A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
tRR
IS=6.2A, VGS=0V, dIF/dt=100A/µs
(Note 1)
630
ns
Body Diode Reverse Recovery Charge
QRR
6.9
µC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 6N90_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N90 UTC-6N90_15 Datasheet
283Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N90_12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
   900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
   900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com