Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N90G-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N90G-TF3-T
Description  5A, 900V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N90G-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  5N90G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N90G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N90G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N90G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N90G-TF3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N90
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-499.c
5A, 900V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N90 is a N-channel mode power MOSFET using UTC’s
advanced technology to provide customers with planar stripe and
DMOS technology. This technology specialized in allowing a minimum
on-state resistance and superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation mode.
The UTC 5N90 is universally applied in high efficiency switch mode
power supply.
FEATURES
* RDS(on)=2.8Ω @VGS =10V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N90L-TA3-T
5N90G-TA3-T
TO-220
G
D
S
Tube
5N90L-TF3-T
5N90G-TF3-T
TO-220F
G
D
S
Tube
5N90L-T3P-T
5N90G-T3P-T
TO-3P
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 5N90G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N90G-TF3-T UTC-5N90G-TF3-T Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90G-TF3-T UTC-5N90G-TF3-T Datasheet
279Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N90G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P5FH90VX3 SHINDENGEN-P5FH90VX3 Datasheet
1Mb / 7P
   Power MOSFETs 900V, 5A, N-channel
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
   900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
   900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com