Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60G-TF2-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N60G-TF2-T
Description  4A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60G-TF2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  4N60G-TF2-T Datasheet HTML 1Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 2Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 3Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 4Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 5Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 6Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 7Page - Unisonic Technologies 4N60G-TF2-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-061,Q
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
4.4
A
Drain Current
Continuous
ID
4.0
A
Pulsed (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed
(Note 3)
4N60
EAS
260
mJ
4N60-E
200
mJ
Repetitive (Note 2)
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220/TO-262/TO-263
PD
106
W
TO-220F/TO-220F1
36
TO-220F2
38
TO-251/ TO-252
50
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤4.4A, di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-262/TO-263
θJA
62.5
°С/W
TO-220F/TO-220F1
62.5
TO-220F2
62.5
TO-251/ TO-252
83
Junction to Case
TO-220/TO-262/TO-263
θJc
1.18
°С/W
TO-220F/TO-220F1
3.47
TO-220F2
3.28
TO-251/ TO-252
2.5


Similar Part No. - 4N60G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60G-TF2-T UTC-4N60G-TF2-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60G-TF2-T UTC-4N60G-TF2-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60G-TF2-T UTC-4N60G-TF2-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
4N60G-TF2-T UTC-4N60G-TF2-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60G-TF2-T UTC-4N60G-TF2-T Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com