Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1804 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SD1804
Description  HIGH CURRENT SWITCHING APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804 Datasheet(HTML) 5 Page - Unisonic Technologies

  2SD1804 Datasheet HTML 1Page - Unisonic Technologies 2SD1804 Datasheet HTML 2Page - Unisonic Technologies 2SD1804 Datasheet HTML 3Page - Unisonic Technologies 2SD1804 Datasheet HTML 4Page - Unisonic Technologies 2SD1804 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R209-006,E
TYPICAL CHARACTERISTICS(Cont.)
57
7
5
3
2
100
0.1
0.01
7
5
3
2
1.0
3
2
10
7
2
3
5
7
1000
TA=-25℃
TA=75℃
5
3
5
2
57
7
5
3
2
1.0
0.1
0.01
7
5
3
2
1.0
5
3
2
5
7
2
3
5
7
10
TA=75℃
TA=25℃
TA=-25℃
3
710
IC/IB=20
7 10
2
Ic/IB=20
TA=25℃
Collector Current, IC (A)
VCE(SAT) -IC
Collector Current, IC (A)
VBE(SAT) -IC
60
40
20
0
80
140
120
100
160
16
20
24
No heat sink
PD -Ta
4
8
12
0
7
5
3
2
10
1.0
7
5
3
2
100
0.1
2
3
5
2
3
5
0.01
7
5
3
1.0
10
2
3
5
100ms
Icp
IC
1
2
0.1
7
7
7
2
TC=25℃,One Pulse For
PNP,minus sign is omitted.
10ms
1ms
Colletcor to Emitter Voltage, VCE (V)
A S O
Ambient Temperature, Ta (℃)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SD1804

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1804 SANYO-2SD1804 Datasheet
132Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
2SD1804 UTC-2SD1804 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
logo
Foshan Blue Rocket Elec...
2SD1804 FOSHAN-2SD1804 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
logo
Guangdong Kexin Industr...
2SD1804-Q KEXIN-2SD1804-Q Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1804

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com