Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD610 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. ILD610
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD610 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  ILD610 Datasheet HTML 1Page - Siemens Semiconductor Group ILD610 Datasheet HTML 2Page - Siemens Semiconductor Group ILD610 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
ILD610
Figure 9. Switching timing
Figure 10. Non-saturated switching schematic
Figure 11. Saturated switching time test waveform
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
VCC=5 V
RL
F=10 KHz
DF=50%
IF=10 mA
Output
0
10%
50%
90%
90%
50%
10%
ton
toff
tpdof
tpdon
td
tr
ts
tr
Input
0
Figure 5. Normalized non-saturated and saturated CTR
at TA=85°C versus LED current
Figure 6. Collector-emitter current versus temperature
and LED current
Figure 7. Collector-emitter leakage current versus
temperature
Figure 8. Propagation delay versus collector load
resistor
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 85
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
10 0
10
1
.1
1
10
10 0
100 0
1.0
1.5
2.0
2.5
RL - Collec tor Load Resis tor - K
tpL H
tp HL
Ta = 2 5
°C, IF = 10mA
Vcc = 5 V, Vth = 1 .5 V


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn