Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD610 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. ILD610
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD610 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILD610 Datasheet HTML 1Page - Siemens Semiconductor Group ILD610 Datasheet HTML 2Page - Siemens Semiconductor Group ILD610 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
ILD610
CTR will match within a ratio of 1.7:1
Switching Characteristics
Linear Operation (without saturation)
IF=10 mA, VCC=5 V, RC=75 Ω, Typical
Switching Operation (with saturation) VCC=5 V, RC=1 Ω, Typicall
-1
-2
-3
-4
CTR
1, I
F =10 mA, VCE=5 V
40-80
63-125
100-200
160-320
%
CTR
1, I
F =1 mA, VCE=5 V
13 min.
22 min.
34 min.
56 min.
%
ICEO (VCE=10 V)
2 (
≤50)
2 (
≤50)
5 (
≤100)
5 (
≤100)
nA
-1
-2
-3
-4
Turn on time
ton
3.0
3.2
3.6
4.1
µs
Rise time
tr
2.0
2.5
2.9
3.3
µs
Turn off time
toff
2.3
2.9
3.4
3.7
µs
Fall time
tf
2.0
2.6
3.1
3.5
µs
-1
IF = 20 mA
-2
IF = 10 mA
-3
IF = 10 mA
-4
IF = 5 mA
Turn on time
ton
3.0
4.3
4.6
6.0
µs
Rise time
tr
2.0
2.8
3.3
4.6
µs
Turn off time
toff
18
2.9
3.4
25
µs
Fall time
tf
11
2.6
3.1
15
µs
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTR at TA=25°C versus LED current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 85
°C
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 5V, IF = 10mA
Ta = 25
°C
CTRce(sat) Vce = 0.4V
Figure 3. Normalized non-saturated and saturated
CTR at TA=50°C versus LED current
Figure 4. Normalized non-saturated and saturated
CTR at TA=70°C versus LED curent
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 5V, IF = 10mA, Ta = 25
°C
Ta = 50
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Vce = 5V, IF = 10mA
Ta = 25
°C
Ta = 70
°C
CTRce(sat) Vce = 0.4V
Normalized to:


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn