Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD610 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. ILD610
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD610 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILD610 Datasheet HTML 1Page - Siemens Semiconductor Group ILD610 Datasheet HTML 2Page - Siemens Semiconductor Group ILD610 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Dual Version of SFH610 Series
• High Current Transfer Ratios
ILD610-1, 40-80%
ILD610-2, 63-125%
ILD610-3, 100-200%
ILD610-4, 160-320%
• Isolation Test Voltage, 5300 VRMS
•VCEsat 0.25 (≤0.4) V at IF=10 mA, IC=2.5 mA
•VCEO=70 V
• Underwriters Lab File #E52744
VDE #0884 Available with Option 11
DESCRIPTION
The ILD610 Series is a dual channel optocoupler
series for high density applications. Each channel
consists of an optically coupled pair with a Gallium
Arsenide infrared LED and a silicon NPN pho-
totransistor. Signal information, including a DC
level, can be transmitted by the device while main-
taining a high degree of electrical isolation between
input and output. The ILD610 Series is the dual ver-
sion of SFH610 Series and uses a repetitive pin-out
configuration instead of the more common alternat-
ing pin-out used in most dual couplers.
Maximum Ratings (Each Channel)
Emitter
Reverse Voltage .................................................6 V
Surge Forward Current (t £10 ms)...................1.5 A
Total Power Dissipation ..............................100 mW
Derate Linearly from 25
°C......................1.3 mW/°C
DC Forward Current ......................................60 mA
Detector
Collector-Emitter Voltage ..................................70 V
Collector Current ..........................................50 mA
Collector Current (t
≤1 ms)..........................100 mA
Total Power Dissipation ..............................150 mW
Derate Linearly from 25
°C......................2.0 mW/°C
Package
Isolation Test Voltage (t=1 sec.) ........ 5300 VACRMS
Isolation Resistance
VIO=500 V, TA=25°C ............................... ≥10
12
VIO=500 V, TA=100°C ............................. ≥10
11
Storage Temperature ...................–55
°C to +150°C
Operating Temperature ...............–55
°C to +100°C
Junction Temperature ................................... 100
°C
Lead Soldering Time at 260
°C .................... 10 sec.
V
DE
Electrical Characteristics (TA=25°C)
Symbol
Typ.
Unit
Condition
Emitter
Forward Voltage
VF
1.25
(
≤1.65)
VIF=60mA
Reverse Current
IR
0.01 (
10)
µAV
R=6V
Capacitance
CO
25
pF
VR=0 V,
f=1 MHz
Detector
Breakdown Voltage
Collector-Emitter
Emitter-Collector
BVCEO
BVCEO
90 (
≥70)
7.0 (
≥6.0)
V
V
IC=10 µA
IE=10 µA
Collector-Emitter Dark
Current
ICEO
2 (
≤50)
nA
VCE=10 V
Capacitance
CCE
7pF
VCE=5 V,
f=1 MHz
Package
Collector-Emitter Saturation
Voltage
VCEsat
0.25
(
≤0.40)
VIF=10 mA,
IC=2.5 mA
Coupling Capacitance
CC
0.35
pF
Dimensions in inches (mm)
Pin One I.D.
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
° Typ.
.100 (2.54) Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
8
7
6
5
Emitter
Collector
Emitter
Collector
Anode
Cathode
Anode
Cathode
1
2
3
4
ILD610 SERIES
DUAL PHOTOTRANSISTOR
OPTOCOUPLER


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn