Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW44E56F1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW44E56F1A
Description  4.8mm Straw PureWhite LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW44E56F1A Datasheet(HTML) 1 Page - OptoSupply International

  OSW44E56F1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
4..8
8m
mm
m S
Sttr
ra
aw
w P
Pu
ur
re
e W
Wh
hiitte
e L
LE
ED
D
OSW44E56F1A
Features
Outline Dimension
High luminous Flux LEDs
4.8mm Straw Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Backlighting (illuminated advertising etc.)
Substitution of Micro Incandescent Lamps
Reading Lamps / Emergency Lighting
Marker lights (e.g. steps, exit ways, etc.)
Other Lighting
Unit:mm
Tolerance:+0.30mm
2.54
0.5+0.1
4.8
12
1.Anode
2.Cathode
Anode
Cathode
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
75
mA
Pulse Forward Current*
IFP
360
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
270
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=60mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
30
µA
Luminous Flux
Φ
v
IF=60mA
-
25
-
lm
Luminous Intensity
Iv
IF=20mA
5000
7000
-
mcd
Color Temperature
CCT
IF=60mA
-
6500
-
K
x
IF=60mA
-
0.31
-
Chromaticity
Coordinates*
y
IF=60mA
-
0.33
-
50% Power Angle
1/2
IF=60mA
-
150
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


Similar Part No. - OSW44E56F1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44E56F1A OPTOSUPPLY-OSW44E56F1A Datasheet
114Kb / 1P
   4.8mm Straw Pure White LED High luminous Flux LEDs Superior Weather-resistance
More results

Similar Description - OSW44E56F1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DK56A1A OPTOSUPPLY-OSK5DK56A1A Datasheet
155Kb / 1P
   4.8mm Straw Pink LED
OSV5HA56A1A OPTOSUPPLY-OSV5HA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Violet LED
OSV5YL56A1A OPTOSUPPLY-OSV5YL56A1A_12 Datasheet
111Kb / 1P
   4.8mm Straw Violet LED
OSO5SA56A1A OPTOSUPPLY-OSO5SA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Orange LED
OSK5DL56A1A OPTOSUPPLY-OSK5DL56A1A Datasheet
101Kb / 1P
   4.8mm Straw Pink LED
OSY5SA56A1A OPTOSUPPLY-OSY5SA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Yellow LED
OSV5HL56A1A OPTOSUPPLY-OSV5HL56A1A Datasheet
172Kb / 1P
   4.8mm Straw Violet LED
OSR5RU56A1A OPTOSUPPLY-OSR5RU56A1A Datasheet
154Kb / 1P
   4.8mm Straw Red LED
OSY5RU56A1A OPTOSUPPLY-OSY5RU56A1A Datasheet
155Kb / 1P
   4.8mm Straw Yellow LED
OSK5DA56A1A OPTOSUPPLY-OSK5DA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com