Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSR5XAEHE1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5XAEHE1E
Description  Xeon H Power Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5XAEHE1E Datasheet(HTML) 1 Page - OptoSupply International

  OSR5XAEHE1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n H
H P
Po
ow
we
er
r R
Re
ed
d L
LE
ED
D
OSR5XAEHE1E
VER C.0
■Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Long Lifetime Operation
Superior UV Resistance
Caution
Avoid Reflow Soldering Process
■Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Unit:mm
Tolerances are for reference only
■Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=150mA
620
625
630
nm
Luminous Flux
Φ
v
IF=150mA
15
20
-
lm
50% Power Angle
1/2
IF=150mA
-
140
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Xeon H emitter series.
LED & Application Technologies
200
175
150
125
0
25
50
75
100
025
50
75
125
Ambient Temperature, TA
()
100
RJ-A=70
/W
RJ-A=90
℃/W
RJ-A=110
/W


Similar Part No. - OSR5XAEHE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XAEHE1E OPTOSUPPLY-OSR5XAEHE1E Datasheet
109Kb / 1P
   Xeon H Power Red LED
OSR5XAEHE1E_VER.C.2 OPTOSUPPLY-OSR5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power blue led
More results

Similar Description - OSR5XAEHE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Red LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E_11 Datasheet
151Kb / 2P
   Xeon H Power Red LED
OSR5XAEHE1E OPTOSUPPLY-OSR5XAEHE1E Datasheet
109Kb / 1P
   Xeon H Power Red LED
OSR5XAE3E1E OPTOSUPPLY-OSR5XAE3E1E_11 Datasheet
117Kb / 1P
   Xeon 3 Power Red LED
OSR5XME3C1E OPTOSUPPLY-OSR5XME3C1E_11 Datasheet
153Kb / 2P
   Xeon 3 Power Red LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Red LED
OSR5XNE3E1E_VER.C.2 OPTOSUPPLY-OSR5XNE3E1E_VER.C.2 Datasheet
139Kb / 2P
   xeon 3 power red led
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
   Xeon 1 Power Red LED
OSR5XNE1E1E_VER.C.2 OPTOSUPPLY-OSR5XNE1E1E_VER.C.2 Datasheet
138Kb / 2P
   xeon 1 power red led
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E Datasheet
164Kb / 1P
   Xeon 1 Power Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com