Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ55 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # ILQ55
Description  PHOTODARLINGTON OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ55 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  ILQ55 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ55 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ55 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL/D/Q30/31/55
Figure 8. Switching waveforms
Figure 9. Switching schematic
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
RC
VCC=13.5 V
F=10 KHz,
DF=50%
IF=50 mA
Figure 5. Hfe current gain versus base current
Figure 6. Low to high propagation delay versus collector
load resistance and LED current
Figure 7. High to low propagation delay versus collector
load resistance and LED current
100
10
1
.1
.01
0
2000
4000
6000
8000
10000
12000
Base Current
Vce=5V
Vce=1V
Ta=25
°C
0
5
10
15
20
0
20
40
60
80
Ta = 25
°C, Vcc = 5V
Vth = 1.5 V
220
470
1K
g
IF - LED Current - mA
100
0
5
10
15
20
0
5
10
15
20
100
1K
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V


Similar Part No. - ILQ55

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ55 VISHAY-ILQ55 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ55 VISHAY-ILQ55 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
ILQ55 VISHAY-ILQ55 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILQ55 VISHAY-ILQ55 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
ILQ55 VISHAY-ILQ55 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
More results

Similar Description - ILQ55

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com