Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4216 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL4216
Description  TRIAC DRIVER OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL4216 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL4216 Datasheet HTML 1Page - Siemens Semiconductor Group IL4216 Datasheet HTML 2Page - Siemens Semiconductor Group IL4216 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
High Input Sensitivity IFT=1.3 mA
600/700/800 V Blocklng Voltage
300 mA On-State Current
High Static dv/dt 10,000 V/
µsec., typical
Inverse Parallel SCRs Provide Commutating
dv/dt >10 KV/
µsec
Very Low Leakage <10
µA
Isolation Test Voltage from Double Molded
Package 5300 VACRMS
Package, 6-Pln DIP
Underwriters Lab File #E52744
DESCRIPTION
The IL421x consists of an AlGaAs IRLED optically
coupled to a pair of photosensitive non-zero crossing
SCR chips and are connected inversely parallel to
form a TRIAC. These three semiconductors are
assembled in a six pin 0.3 inch dual in-line package,
using high insulation double molded, over/under lead-
frame construction.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR pre-
driver resulting in an LED trigger current of less than
1.3 mA (DC).
The IL421x uses two discrete SCRs resulting in a
commutating dv/dt of greater than 10KV/
µs. The use
of a proprietary dv/dt clamp results in a static dv/dt of
greater than 10KV/
µs. This clamp circuit has a MOS-
FET that is enhanced when high dv/dt spikes occur
between MT1 and MT2 of the TRIAC. The FET clamps
the base of the phototransistor when conducting, dis-
abling the internal SCR predriver.
The blocking voltage of up to 800 V permits control of
off-line voltages up to 240 VAC, with a safety factor of
more than two, and is sufficient for as much as 380
VAC. Current handling capability is up to 300 mA
RMS, continuous at 25
°C.
The IL421x isolates low-voltage logic from 120, 240,
and 380 VAC lines to control resistive inductive, or
capacitive loads including motors solenoids, high cur-
rent thyristors or TRIAC and relays.
Applications include solid-state relays, industrial con-
trols, office equipment, and consumer appliances.
Maximum Ratings
Emitter
Reverse Voltage ...................................................................................6 V
Forward Current ..............................................................................60 mA
Surge Current ....................................................................................2.5 A
Power Dissipation.........................................................................100 mW
Derate Linearly from 25
°C......................................................1.33 mW/°C
Thermal Resistance....................................................................750
°C/W
Detector
Peak Off-State Voltage
IL4216 ...........................................................................................600 V
IL4217 ...........................................................................................700 V
IL4218 ...........................................................................................800 V
RMS On-State Current...................................................................300 mA
Single Cycle Surge...............................................................................3 A
Total Power Dissipation ................................................................500 mW
Derate Linearly from 25
°C........................................................6.6 mW/°C
Thermal Resistance.....................................................................150
°C/W
Package
Isolation Test Voltage........................................................... 5300 VACRMS
Storage Temperature......................................................–55
°C to +150°C
Operating Temperature ..................................................–55
°C to +100°C
Lead Soldering Temperature................................................ 260
°C/5 sec.
Isolation Resistance
VIO=500 V, TA=25°C .................................................................≥10
12
VIO=500 V, TA=100°C ...............................................................≥10
11
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Triac
Anode 1
Triac
Anode 2
Substrate
do not
connect
LED
Anode
LED
Cathode
NC
600 V
IL4216
700 V
IL4217
800 V
IL4218
TRIAC DRIVER OPTOCOUPLER


Similar Part No. - IL4216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4216 VISHAY-IL4216 Datasheet
489Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Rev. 1.4, 09-Jan-08
IL4216 VISHAY-IL4216 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL4216 VISHAY-IL4216 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL4216-X001 VISHAY-IL4216-X001 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL4216

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL4208 SIEMENS-IL4208 Datasheet
27Kb / 2P
   800 V TRIAC DRIVER OPTOCOUPLER
IL420 SIEMENS-IL420 Datasheet
81Kb / 4P
   600 V TRIAC DRIVER OPTOCOUPLER
IL4116 SIEMENS-IL4116 Datasheet
84Kb / 3P
   ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
   ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4108 SIEMENS-IL4108 Datasheet
29Kb / 2P
   ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
Q303X ETC2-Q303X Datasheet
1Mb / 15P
   ZERO-CROSSING TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com