Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL420 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL420
Description  600 V TRIAC DRIVER OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL420 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL420 Datasheet HTML 1Page - Siemens Semiconductor Group IL420 Datasheet HTML 2Page - Siemens Semiconductor Group IL420 Datasheet HTML 3Page - Siemens Semiconductor Group IL420 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5–2
IL420
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
Emitter
Forward Voltage
VF
1.16
1.35
V
IF=10 mA
Reverse Current
IR
0.1
10
µAV
R=6 V
Capacitance
CO
40
pF
VF=0 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
750
°C/W
Output Detector
Off-State Voltage
VD (RMS)
424
460
V
ID(RMS)=70 µA
Reverse Voltage
VR
424
460
V
IR(RMS)=70 µA
Off-State Current
ID (RMS)
10
100
µAV
D=600 V, TA=100°C
Reverse Current
IR (RMS)
10
100
µAV
R=600 V, TA=100°C
On-State Voltage
VTM
1.7
3
V
IT=300 mA
On-State Current
ITM
300
mA
PF=1.0, VT(RMS)=1.7 V
Surge (Non-Repititive) On-State Current
ITSM
3
A
f=50 Hz
Holding Current
IH
65
500
µA
Latching Current
IL
5mA
VT=2.2 V
LED Trigger Current
IFT
1
2
mA
VAK=5 V
Turn-On Time
tON
35
µsV
RM=VDM=424 VAC
Turn-Off Time
tOFF
50
µs
PF=1.0, IT=300 mA
Critical State of Rise of Off-State Voltage
dv/dtcr
dv/dtcr
10000
5000
V/
µs
V/
µs
VD=0.67 VDRM
Tj=25°C
Tj=80
°C
Critical Rate of Rise of Voltage at Current
Commutation
dv/dtcrq
dv/dtcrq
10000
5000
V/
µs
V/
µs
VD=0.67 VDRM, di/dtcrq≤15 A/ms
Tj=25
°C
Tj=80°C
Critical State of Rise of On-State Current
di/dtcr
8A/
µs
Thermal Resistance, Junction to Lead
RTHJL
150
°C/W
Insulation and Isolation
Critical Rate of Rise of Coupled Input/Output
Voltage
dv(IO)/dt
5000
V
/µsI
T=0 A, VRM=VDM=424 VAC
Common Mode Coupling Capacitor
CCM
0.01
pF
Package Capacitance
CIO
0.8
pF
f=1 MHz, VIO=0 V
Isolation Test Voltage, Input-Output
VISO
5300
VACRMS
Relative Humidity
≤50%
Creepage
≥7mm
Clearance
≥7mm
Creepage Tracking Resistance per DIN IEC
112/VDE 0303, Part 1 group IIIa per DIN VDE
0110
CTI
175
Isolation Resistance
Ris
Ris
≥1012
≥1011
VIO=500, TA=25°C
VIO=500, TA=100°C
Trigger Current Temperature Gradient
∆I
FT/∆Tj
714
µA/K
Capacitance Between Input and Output Circuit
CIO
2pF
VR=0, f=1 kHz


Similar Part No. - IL420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
IL420 VISHAY-IL420 Datasheet
164Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 18-Jan-08
IL420 VISHAY-IL420 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
IL420 VISHAY-IL420 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
IL420 VISHAY-IL420 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
   ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4208 SIEMENS-IL4208 Datasheet
27Kb / 2P
   800 V TRIAC DRIVER OPTOCOUPLER
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
IL4108 SIEMENS-IL4108 Datasheet
29Kb / 2P
   ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Siemens Semiconductor G...
IL4116 SIEMENS-IL4116 Datasheet
84Kb / 3P
   ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com