Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSO5JA5HA1D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSO5JA5HA1D
Description  5.1x4.3mm Oval Orange LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSO5JA5HA1D Datasheet(HTML) 1 Page - OptoSupply International

  OSO5JA5HA1D_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.1x4.3mm Oval Orange LED
OSO5JA5HA1D
Features
Outline Dimension
High Luminous LEDs
5.1x4.3mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
0.5+0.1
Unit:mm
Tolerance:+0.3mm
2.54
1
2
1.Anode
2.Cathode
5.1
5.1
4.3
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
78
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
600
605
610
nm
Luminous Intensity*
Iv
IF=20mA
3000
4500
-
mcd
50% Power Angle
1/2
IF=20mA
-
100/40
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


Similar Part No. - OSO5JA5HA1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5JA5HA1D OPTOSUPPLY-OSO5JA5HA1D Datasheet
109Kb / 1P
   5.1x4.3mm Oval Orange LED
More results

Similar Description - OSO5JA5HA1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5JA5HA1D OPTOSUPPLY-OSO5JA5HA1D Datasheet
109Kb / 1P
   5.1x4.3mm Oval Orange LED
OSO5PA5HA1D OPTOSUPPLY-OSO5PA5HA1D Datasheet
114Kb / 1P
   5.1x4.3mm Oval Premium Orange LED
OSO5GA5HA1D OPTOSUPPLY-OSO5GA5HA1D_11 Datasheet
179Kb / 1P
   5.1x4.3mm Oval Giga Orange LED
OSO5GA5HA1D OPTOSUPPLY-OSO5GA5HA1D Datasheet
109Kb / 1P
   5.1x4.3mm Oval Giga Orange LED
OSO5MA5HA1D OPTOSUPPLY-OSO5MA5HA1D Datasheet
110Kb / 1P
   5.1x4.3mm Oval Phoenix Orange LED
OSR5RU5HA1D OPTOSUPPLY-OSR5RU5HA1D_11 Datasheet
179Kb / 1P
   5.1x4.3mm Oval Red LED
OSY5RU5HA1D OPTOSUPPLY-OSY5RU5HA1D Datasheet
109Kb / 1P
   5.1x4.3mm Oval Yellow LED
OS5RPM5HA1D OPTOSUPPLY-OS5RPM5HA1D Datasheet
71Kb / 1P
   5.1x4.3mm Oval Red LED
OSV5YL5HA1D OPTOSUPPLY-OSV5YL5HA1D Datasheet
110Kb / 1P
   5.1x4.3mm Oval Violet LED
OSK5DK5HA1D OPTOSUPPLY-OSK5DK5HA1D Datasheet
110Kb / 1P
   5.1x4.3mm Oval Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com