Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N50 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N50
Description  1.3A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50 Datasheet(HTML) 4 Page - Unisonic Technologies

  1N50 Datasheet HTML 1Page - Unisonic Technologies 1N50 Datasheet HTML 2Page - Unisonic Technologies 1N50 Datasheet HTML 3Page - Unisonic Technologies 1N50 Datasheet HTML 4Page - Unisonic Technologies 1N50 Datasheet HTML 5Page - Unisonic Technologies 1N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-548.b
TEST CIRCUITS AND WAVEFORMS
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
VGS
VGS
200nF
Same Type
as DUT
3mA
Gate Charge Test Circuit
Gate Charge Waveforms
Resistive Switching Test Circuit
Resistive Switching Waveforms
10V
tP
RG
DUT
L
VDS
ID
VDD
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 1N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
1N50 NJSEMI-1N50 Datasheet
43Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Inchange Semiconductor ...
1N50-220 ISC-1N50-220 Datasheet
209Kb / 2P
   isc N-Channel MOSFET Transistor
1N50-220F ISC-1N50-220F Datasheet
204Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - 1N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com